Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28722DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28722DBVT
Description  Constant-Voltage, Constant-Current Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28722DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28722DBVT Datasheet HTML 5Page - Texas Instruments UCC28722DBVT Datasheet HTML 6Page - Texas Instruments UCC28722DBVT Datasheet HTML 7Page - Texas Instruments UCC28722DBVT Datasheet HTML 8Page - Texas Instruments UCC28722DBVT Datasheet HTML 9Page - Texas Instruments UCC28722DBVT Datasheet HTML 10Page - Texas Instruments UCC28722DBVT Datasheet HTML 11Page - Texas Instruments UCC28722DBVT Datasheet HTML 12Page - Texas Instruments UCC28722DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
(
)
S1
VSR
S2
AS
OCV
F
VSR
R
V
R
N
V
V
V
´
=
´
+
-
IN(run)
S1
PA
VSL(run)
V
2
R
N
I
´
=
´
UCC28722
www.ti.com
SLUSBL7B – DECEMBER 2013 – REVISED OCTOBER 2015
7.3 Feature Description
7.3.1 Device Bias Voltage Supply (VDD)
The VDD pin is connected to a bypass capacitor to ground. The VDD turnon UVLO threshold is 21 V and turnoff
UVLO threshold is 7.7 V, with an available operating range up to 35 V on VDD. The USB charging specification
requires the output current to operate in constant-current mode from 5 V to a minimum of 2 V, which is easily
achieved with a nominal VDD of approximately 22 V. The additional VDD headroom (up to 35 V) allows for VDD
to rise due to the leakage energy delivered to the VDD capacitor in high-load conditions.
NOTE
It is possible for the start-up resistor to supply more current to the VDD node than the IC
will consume at higher bulk input voltages. A Zener diode clamp is required on the VDD
pin to keep the VDD pin voltage within limits if this is the case.
7.3.2 Ground (GND)
There is one ground reference external to the device for the base drive current and analog signal reference. TI
recommends placing the VDD bypass capacitor close to GND and VDD with short traces to minimize noise on
the VS and CS signal pins.
7.3.3 Voltage-Sense (VS)
The VS pin is connected to a resistor divider from the auxiliary winding to ground. The output-voltage feedback
information is sampled at the end of the transformer secondary current demagnetization time to provide an
accurate representation of the output voltage. Timing information for achieving valley-switching and to control the
duty cycle of the secondary transformer current is determined by the waveform on the VS pin. Avoid placing a
filter capacitor on this input because it would interfere with accurate sensing of this waveform.
The VS pin also senses the bulk capacitor voltage to provide for AC-input run and stop thresholds, and to
compensate the current-sense threshold across the AC-input range. During the transistor on-time, the VS pin is
clamped to approximately 250 mV below GND and the current out of the VS pin is sensed. For the AC-input run
and stop function, the run threshold on VS is 225 µA and the stop threshold is 80 µA. The values for the auxiliary
voltage divider upper-resistor (RS1) and lower-resistor (RS2) can be determined by Equation 1 and Equation 2.
where
NPA is the transformer primary-to-auxiliary turns ratio.
VIN(run) is the AC RMS voltage to enable turnon of the controller (run).
IVSL(run) is the run-threshold for the current pulled out of the VS pin during the switch on-time (see Electrical
Characteristics).
(1)
where
VOCV is the converter regulated output voltage.
VF is the output rectifier forward drop at near-zero current.
NAS is the transformer auxiliary to secondary turns ratio.
RS1 is the VS divider high-side resistance.
VVSR is the CV regulating level at the VS input (see Electrical Characteristics).
(2)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC28722


Similar Part No. - UCC28722DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720D TI-UCC28720D Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720DR TI-UCC28720DR Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28722DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com