Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC406MS8G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC406MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC406MS8G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC406MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
8 - 147
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC406MS8G
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 5.0 - 6.0 GHz
v02.1202
Evaluation PCB
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads
and exposed paddle should be connected directly to the
ground plane similar to that shown. A sufficient number
of VIA holes should be used to connect the top and
bottom ground planes. The evaluation board should be
mounted to an appropriate heat sink. The evaluation cir-
cuit board shown is available from Hittite upon request.
List of Material
Item
Description
J1 - J2
PC Mount SMA RF Connector
J3
2mm DC Header
C1 - C3
330 pF Capacitor, 0603 Pkg.
C4
0.6 pF Capacitor, 0603 Pkg.
C5
1.6 pF Capacitor, 0603 Pkg.
C6
2.2 µF Capacitor, Tantalum
L1
3.9 nH Inductor, 0603 Pkg.
U1
HMC406MS8G Amplifier
PCB*
105021 Eval Board
* Circuit Board Material: Rogers 4350


Similar Part No. - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC406MS8GE HITTITE-HMC406MS8GE Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
logo
Analog Devices
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results

Similar Description - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC407MS8G HITTITE-HMC407MS8G_07 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC313 HITTITE-HMC313_07 Datasheet
271Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com