Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC408LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC408LP3
Description  GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC408LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC408LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC408LP3 Datasheet HTML 7Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROWAVE CORPORATION
8 - 166
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
0
3
6
9
12
15
18
21
24
27
30
33
36
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18 20
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
4.8
5
5.2
5.4
5.6
5.8
6
6.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Power Compression @ 5.8 GHz
Output IP3 vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
4.8
5
5.2
5.4
5.6
5.8
6
6.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Noise Figure vs. Temperature
-60
-50
-40
-30
-20
-10
0
4.8
5
5.2
5.4
5.6
5.8
6
6.2
Reverse Isolation
Power Down Isolation
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
4.75
5
5.25
Gain
P1dB
Psat
Vcc Supply Voltage (Vdc)
12
15
18
21
24
27
30
33
36
0
100
200
300
400
500
600
700
800
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
Gain
P1dB
Psat
Icq
Vpd (Vdc)
Gain, Power & Quiescent
Supply Current vs. Vpd @ 5.8 GHz
HMC408LP3
GaAs InGaP HBT MMIC 1 WATT
POWER AMPLIFIER, 5.1 - 5.9 GHz
v02.0604
Gain & Power vs.
Supply Voltage @ 5.8 GHz


Similar Part No. - HMC408LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3E HITTITE-HMC408LP3E Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC408LP3E AD-HMC408LP3E Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
More results

Similar Description - HMC408LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Analog Devices
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC327MS8G HITTITE-HMC327MS8G_09 Datasheet
214Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com