Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0013TR Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013TR
Description  Voltage Variable Attenuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0013TR Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0013TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0013TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0013TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0013TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0013TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0013TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Voltage Variable Attenuator
824 - 960 MHz
Rev. V3
MAATCC0013
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAATCC0013TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0013TR MACOM-MAATCC0013TR Datasheet
203Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013TR MA-COM-MAATCC0013TR Datasheet
91Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
More results

Similar Description - MAATCC0013TR

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
ZX73-2500 MINI-ZX73-2500 Datasheet
391Kb / 3P
   Voltage Variable Attenuator
logo
M/A-COM Technology Solu...
MAAT-010521 MA-COM-MAAT-010521 Datasheet
198Kb / 6P
   Voltage Variable Attenuator
logo
Merrimac Industries, In...
VVA-2H-1.9G MERRIMAC-VVA-2H-1.9G Datasheet
108Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-2-75 MINI-EVA-2-75 Datasheet
490Kb / 2P
   Voltage Variable Attenuator
SYVA-16 MINI-SYVA-16 Datasheet
384Kb / 2P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com