Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0001SMB
Description  2.25 V Voltage Variable Absorptive Attenuator, 42 dB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.25 V Voltage Variable Absorptive Attenuator, 42 dB
1.8 - 2.5 GHz
Rev. V3
MAAVSS0001
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.8 GHz
2.4 GHz
Control Voltage (Volts)
-8
-6
-4
-2
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.8 GHz
2.1 GHz
2.4 GHz
Control Voltage (Volts)
Typical Performance Curves
Insertion Loss Delta Normalized to +25°C (+85°C)
Input IP3 vs. Control Voltage @ +25°C
Input Power for 1 dB Change in Attenuation
Input IP3 vs. Control Voltage over Temperature
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Control Voltage (Volts)
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IIP3 @ +25C
IIP3 @ +85C
IIP3 @ -40C
Control Voltage (V)


Similar Part No. - MAAVSS0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0001SMB MACOM-MAAVSS0001SMB Datasheet
234Kb / 4P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0001SMB MA-COM-MAAVSS0001SMB Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
More results

Similar Description - MAAVSS0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0001 MACOM-MAAVSS0001 Datasheet
234Kb / 4P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator
AT-119 MA-COM-AT-119 Datasheet
108Kb / 5P
   2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
logo
Tyco Electronics
AT-119 MACOM-AT-119 Datasheet
135Kb / 4P
   2.25 Volt Voltage Variable Absorptive Attenuator - 40 dB, 1.8.2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941_15 Datasheet
538Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0004 MA-COM-MAAVSS0004_15 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008_15 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com