Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY398 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BY398
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BY398 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BY398 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BY398 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396 THRU BY399
FAST RECOVERY RECTIFIERS
Reverse Voltage - 100 to 800 Volts
Forward Current -3.0 Amperes
Case: DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 1.10 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO-201AD
0.220(5.6)
0.197(5.0)
DIA.
0.052(1.3)
0.048(1.2)
DIA.
1.0 (25.4)
MIN.
0.375(9.6)
0.285(7.2)
1.0 (25.4)
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
70
100
200
140
200
400
280
400
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
200.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
100.0
R
θJA
CJ
TJ,TSTG
20.0
60.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
500
ns
BY396
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
BY397
BY398
BY399
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
MDD Catalog Number


Similar Part No. - BY398

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY398 PANJIT-BY398 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
List of Unclassifed Man...
BY398 ETC2-BY398 Datasheet
117Kb / 2P
   Low cost construction
logo
Diotec Semiconductor
BY398 DIOTEC-BY398 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
logo
Shenzhen Ping Sheng Ele...
BY398 PFS-BY398 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Transys Electronics
BY398 TRSYS-BY398 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - BY398

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com