Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0006SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0006SMB
Description  3 Volt Voltage Variable Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0006SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0006SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0006SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0006SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAVSS0006SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3 Volt Voltage Variable Attenuator
25 dB, DC-2.5 GHz
1
V1
MAAVSS0006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Single Voltage Control: 0 to -3 Volts
 25 dB Attenuation Range at 0.9 GHz
 Low DC Power Consumption
 Lead-Free SOT-25 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT-255
Description
M/A-COM’s MAAVSS0006 is a GaAs MMIC voltage
variable absorptive attenuator in a lead-free SOT-25
surface mount plastic package. The MAAVSS0005
is ideally suited for use where variable attenuation,
fine tuning, and very low power consumption are
required.
Typical applications include radio, cellular, GPS
equipment and automatic gain/level control circuits.
The MAAVSS0006 is fabricated using a mature
1-micron GaAs MESFET process. The process
features
full
chip
passivation
for
increased
performance and reliability.
Functional Schematic 1
3. VC = -3 V to 0 V @ 25 µA maximum.
Ordering Information
Part Number
Package
MAAVSS0006
Bulk Packaging
MAAVSS0006TR-3000
3000 piece reel
MAAVSS0006SMB
Sample Board
1.
Reference Application Note M513 for reel size information.
2.
All sample boards include 5 loose parts.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Port
4
Ground
2
Ground
5
VC
3
RF Port
5
4
3
2
1
Vc
GND
GND
RF
RF
* Restrictions on Hazardous Substances, European Directive 2002/95/EC.
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Input Power
+21 dBm
Control Voltage VC
-8 V < Vc < +0.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MA-COM does not recommend sustained operation near these
survivability limits.


Similar Part No. - MAAVSS0006SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0006SMB MA-COM-MAAVSS0006SMB Datasheet
103Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
More results

Similar Description - MAAVSS0006SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0006 MA-COM-MAAVSS0006 Datasheet
126Kb / 3P
   3 Volt Voltage Variable Attenuator
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator
MAAV-008022 MA-COM-MAAV-008022_15 Datasheet
600Kb / 5P
   3 Volt Voltage Variable Absorptive Attenuator
AT-255 MA-COM-AT-255 Datasheet
73Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
Tyco Electronics
MAAVSS0006 MACOM-MAAVSS0006 Datasheet
192Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
AT-255 MACOM-AT-255_1 Datasheet
180Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0006 MA-COM-MAAVSS0006 Datasheet
103Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com