Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4911505-04 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C4911505-04
Description  High Performance 1:5 LVPECL Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4911505-04 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C4911505-04 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C4911505-04 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.pericom.com
PI6C4911505-04 Rev B
3/14/16
PI6C4911505-04
High Performance 1:5 LVPECL Fanout Buffer
Function Table
Table 1: Input select function
CLK_SEL
Function
0
CLK0, nCLK0
1
CLK1
Table 2: Enable function
nEN
Outputs
Q0:Q4
nQ0:nQ4
1
Disabled; LOW
Disabled; HIGH
0
Enabled
Enabled
16-0045


Similar Part No. - PI6C4911505-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911505-07 PERICOM-PI6C4911505-07 Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-07LIE PERICOM-PI6C4911505-07LIE Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-07LIEX PERICOM-PI6C4911505-07LIEX Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
More results

Similar Description - PI6C4911505-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911505-07 PERICOM-PI6C4911505-07 Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505 PERICOM-PI6C4911505 Datasheet
943Kb / 8P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
logo
ON Semiconductor
NB3L853141 ONSEMI-NB3L853141_15 Datasheet
113Kb / 10P
   2.5V/3.3V 1:5 LVPECL Fanout Buffer
December, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C4911506 PERICOM-PI6C4911506 Datasheet
1Mb / 14P
   6 Output High Performance LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com