Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4911506LIE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C4911506LIE
Description  6 Output High Performance LVPECL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4911506LIE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C4911506LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C4911506LIE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 www.pericom.com
PI6C4911506
RevA
06/12/14
PI6C4911506
6 Output High Performance LVPECL Fanout Buffer
Phase Noise Plots
f
OUT = 156.25MHz
Additive jitter = √(Output jitter2 - Input jitter2)
14-0093


Similar Part No. - PI6C4911506LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
PI6C4911506-06LIE PERICOM-PI6C4911506-06LIE Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
More results

Similar Description - PI6C4911506LIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
logo
Integrated Device Techn...
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
8SLVP1102I IDT-8SLVP1102I_18 Datasheet
462Kb / 21P
   LVPECL Output Fanout Buffer
logo
Pericom Semiconductor C...
PI6C4911505-07 PERICOM-PI6C4911505-07 Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505 PERICOM-PI6C4911505 Datasheet
943Kb / 8P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04 PERICOM-PI6C4911505-04 Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
logo
Diodes Incorporated
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
   16 Output LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com