Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4911510FAEIE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C4911510FAEIE
Description  2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4911510FAEIE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C4911510FAEIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C4911510FAEIE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PI6C4911510
Rev H
6/25/2015
PI6C4911510
2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to
LVPECL Fanout Buffer w/ 2 to 1 Differential Clock Input Mux
Application Information
Wiring the differential input to accept single ended levels
Figure 1 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to postion the V_REF in the center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R1/R2 = 0.609.
Figure 1. Single-ended input to Differential input device
Single Ended
Clock Input
VDD
R1
1K
R2
1K
C1
0.1µ
CLK
/CLK
Power Supply Filtering Techniques
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. To achieve optimum jitter perfor-
mance, power supply isolation is required. All power pins should be individually connected to the power supply plane through vias,
and 0.1μF an 1μF bypass capacitors should be used for each pin.
VDD
0.1µF
0.1µF
1µF
VDD
VDDO
1µF
VDDO
15-0077


Similar Part No. - PI6C4911510FAEIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
PI6C4911510-05FAIE PERICOM-PI6C4911510-05FAIE Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
More results

Similar Description - PI6C4911510FAEIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4853111 PERICOM-PI6C4853111_13 Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4853111 PERICOM-PI6C4853111 Datasheet
498Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
logo
Integrated Circuit Syst...
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com