Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CDBL401B Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions Cont...
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing. Input Frequency Capacitance
3. Time from deassertion until outputs are >200 mV
4. The differential input clock must be running for the SMBus to be active
Symbol
Parameters
Condition
Min. Type Max. Units
V
OLSMB
SMBus Output Low Voltage1
@ I
PULLUP
0.4
V
I
PULLUP
SMBus Sink Current1
@ V
OL
4
mA
V
DDSMB
Nominal Bus Voltage1
3.3V bus voltage
2.7
3.6
V
t
RSMB
SCLK/SDATA Rise Time1
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
t
FSMB
SCLK/SDATA Fall Time1
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
f
MAXSMB
SMBus Operating Frequency1,5
Maximum SMBus operating frequency
400
kHz
Electrical Characteristics–CLK 0.7V Low Power HCSL Outputs (T
A = -40~85
o
C; VDD = 3.3V+/-10%;
VDDO = 3.3V+/-10%; VDDO = 2.5V+/-10%; VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type Max. Units
Trf
Slew rate1,2,3
Scope averaging on 2.0V/ns setting @100MHz
output
1
2
3
V/ns
Scope averaging on 3.0V/ns setting @100MHz
output
2
3
4.5
V/ns
ΔTrf
Slew rate matching1,2,4
Slew rate matching, Scope averaging on
7
20
%
V
HIGH
Voltage High1,7
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averaging
on)
660
880
mV
V
LOW
Voltage Low1,7
-150
150
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2,7
Scope averaging off
300
mV
Vcross_abs Crossing Voltage (abs)1,5,7 Scope averaging off
250
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point
where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calcula-
tions.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed. The intent is to
limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
7. At default SMBus settings.
16-0064


Similar Part No. - PI6CDBL401B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIE PERICOM-PI6CDBL402BLIE Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIEX PERICOM-PI6CDBL402BLIEX Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
More results

Similar Description - PI6CDBL401B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P61043 RENESAS-6P61043 Datasheet
399Kb / 16P
   4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
   8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
logo
Integrated Device Techn...
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com