Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADL-011012 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MADL-011012
Description  360 W CW Power Limiter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADL-011012 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MADL-011012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADL-011012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADL-011012 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADL-011012 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADL-011012 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADL-011012 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
360 W CW Power Limiter
0.3 - 1.0 GHz
Rev. V1
MADL-011012
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Application Section
Transmit-Receive Block Diagram
using the UHF Band MADL-011012 Limiter
Ant
Circulator
50 Ω High
Power Load
Circulator
PA
LNA
MADL-011012
Limiter


Similar Part No. - MADL-011012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MADL-011010-01340W ETC2-MADL-011010-01340W Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-011010-01340W MA-COM-MADL-011010-01340W Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MADL-011011-01340W ETC2-MADL-011011-01340W Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-011011-01340W MA-COM-MADL-011011-01340W Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MADL-011014 MA-COM-MADL-011014 Datasheet
763Kb / 5P
   320 W Peak Power Limiter
More results

Similar Description - MADL-011012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-011015 MA-COM-MADL-011015 Datasheet
586Kb / 6P
   250 W Peak Power Limiter
MADL-011014 MA-COM-MADL-011014 Datasheet
763Kb / 5P
   320 W Peak Power Limiter
MADL-011014 MA-COM-MADL-011014_15 Datasheet
746Kb / 5P
   320 W Peak Power Limiter
logo
NEC
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
logo
Communications & Power ...
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
   20 W, CW Helix TWT Series
logo
NEC
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
   14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
logo
Communications & Power ...
VTM-6195R1 CPI-VTM-6195R1 Datasheet
84Kb / 1P
   28 W, CW Helix TWT Series
VTS-6252F1 CPI-VTS-6252F1 Datasheet
84Kb / 1P
   200 W, CW Helix TWT Series
VTM-6096R1 CPI-VTM-6096R1 Datasheet
84Kb / 1P
   12 W, CW Helix TWT Series
VTL-6242L2 CPI-VTL-6242L2 Datasheet
87Kb / 1P
   250 W, CW Helix TWT Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com