Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-017025-1314 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-017025-1314
Description  25關m I-Region Length Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-017025-1314 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADP-017025-1314 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-017025-1314 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-017025-1314 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-017025-1314 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-017025-1314 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SURMOUNT™ 25μM PIN Diodes
RoHS Compliant
Rev. V5
MADP-017025-1314
MADP-030025-1314
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Case Style ODS 1314
Absolute Maximum Ratings1 @ TA = +25°C
(unless otherwise specified)
1) Exceeding these limits may cause permanent damage
Chip Dimensions
DIM
INCHES
MM
Min
Max
Min
Max
A
0.060
0.062
1.525
1.575
B
0.031
0.032
0.775
0.825
C
0.004
0.008
0.102
0.203
D
0.019
0.021
0.475
0.525
E
0.019
0.021
0.475
0.525
F
0.019
0.021
0.475
0.525
G
0.029
0.031
0.725
0.775
Notes:
1) Backside metal: 0.1microns thick.
2) Yellow area with hatch lines indicate backside ohmic gold
contacts.
3) Both devices have same outline dimensions ( A to G).
Features
 0603 Outline
 Surface Mount
 25µm I-Region Length Devices
 No Wirebonds Required
 Silicon Nitride Passivation
 Polymer Scratch Protection
 Low Parasitic Capacitance and Inductance
 High Average and Peak Power Handling
Description
This device is a silicon, glass PIN diode surmount chip
fabricated with M/A-COM’s patented HMICTM process.
This device features two silicon pedestals embedded in a
low loss, low dispersion glass. The diode is formed on the
top of one pedestal and connections to the backside of the
device are facilitated by making the pedestal sidewalls
electrically conductive. Selective backside metallization is
applied producing a surface mount device. This vertical
topology provides for exceptional heat transfer. The
topside is fully encapsulated with silicon nitride and has an
additional polymer layer for scratch and impact protection.
These protective coatings prevent damage to the junction
and the anode air-bridge during handling and assembly.
Applications
These packageless devices are suitable for usage in
moderate incident power, ≤50dBm/C.W. or where the peak
power is ≤75dBm, pulse width is 1μS, and duty cycle is
0.01%. Their low parasitic inductance, 0.4 nH, and
excellent RC constant, make these devices a superior
choice for higher frequency switch elements when
compared to their plastic package counterparts
.
Parameter
Absolute Maximum
Forward Current
500 mA
Reverse Voltage
- 135 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55 °C to +150°C
Junction Temperature
+175°C
C.W. Incident Power
50dBm
Mounting Temperature
+280°C for 30 seconds


Similar Part No. - MADP-017025-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
MADP-017025-13140G MA-COM-MADP-017025-13140G Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
MADP-017025-13140P MA-COM-MADP-017025-13140P Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
More results

Similar Description - MADP-017025-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_15 Datasheet
739Kb / 5P
   15關m I-Region Length Devices
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
logo
WAGO Kontakttechnik Gmb...
756-3203-190-250 WAGO-756-3203-190-250 Datasheet
111Kb / 3P
   Connecting cable; 19-pole; Length: 25 m
756-3206-140-250 WAGO-756-3206-140-250 Datasheet
126Kb / 3P
   Connecting cable; 14-pole; Length: 25 m
logo
PHOENIX CONTACT
1584392 PHOENIX-1584392 Datasheet
93Kb / 4P
   Contact insert - HC-D 25-I-CT-M
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
logo
PHOENIX CONTACT
1411478 PHOENIX-1411478 Datasheet
74Kb / 4P
   Contact insert - HC-D 25-I-CT-M-Z
logo
AMI SEMICONDUCTOR
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-734256 AMI-AMIS-734256 Datasheet
243Kb / 9P
   25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com