Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-011048 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011048
Description  Dual Pair Anti-Parallel Non-Magnetic PIN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011048 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-011048 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-011048 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dual Pair Anti-Parallel Non-Magnetic PIN
5 - 400 MHz
Rev. V1
MADP-011048
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Application Schematic
Parts List: 100 - 400 MHz
Part
Value
Case Style
C1,C2,C5,C6
100 pF
0402
C3, C4, C7, C8
1 μF10
0402
Ferrite Bead:
FB1,FB2,FB3,FB4
1000 Ω
AC Resistance
@ 1 GHz11
0402
Low Power Sample Board (< +20 dBm9)
10. These values are recommended for 100 - 400 MHz operation.
Increase capacitance to 10 μF for operation below 100 MHz.
11. Recommended part: Murata BLM15HD102SN1
FB2
C4
RFIN1
FB1
D1 Anode Bias
D1 Cathode Bias
RFOUT2
C2
C6
C8
C3
C1
C5
C7
FB4
FB3
MADP-011048
RFIN2
RFOUT1
D2 Cathode Bias
D2 Anode Bias
10 Pin Header
D1
Anode
Bias
D1
Cathode
Bias
D2
Cathode
Bias
D2
Anode
Bias
9. The board is recommended for small signal. For high power
operation, heat sink is required.


Similar Part No. - MADP-011048

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011027-14150T MA-COM-MADP-011027-14150T Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T_15 Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011029 MA-COM-MADP-011029 Datasheet
1Mb / 9P
   3 Terminal LPF Broadband Shunt Structure
More results

Similar Description - MADP-011048

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA44781 MA-COM-MA44781 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
MA44781 MA-COM-MA44781_15 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
MA44781 MA-COM-MA44781 Datasheet
48Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode RoHS Compliant
MA45471 MA-COM-MA45471 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
MA45471 MA-COM-MA45471_15 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
logo
Tyco Electronics
MA44781 MACOM-MA44781 Datasheet
49Kb / 2P
   Dual Anti- Parallel Pair PIN Diode
logo
M/A-COM Technology Solu...
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com