Electronic Components Datasheet Search |
|
MADP-017015-1314 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MADP-017015-1314 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 5 page SURMOUNT™ 15μM PIN Diodes RoHS Compliant Rev. V6 MADP-017015-1314 MADP-030015-1314 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications @ TA = 25°C (unless otherwise noted) Parameter Symbol Conditions Units Min Typ Ma x Min Typ Max MADP-017015 MADP-030015 Capacitance CT -40 V, 1 MHz 1,3 pF 0.32 0.3 8 0.79 0.85 Capacitance CT -40V, 1 GHz 1,3 pF 0.31 0.78 Capacitance, 85°C CT -40 V, 1 GHz 1,3 pF 0.29 0.76 Resistance RS +10 mA, 1 GHz 2,3 Ω 0.72 0.49 Resistance RS +70 mA, 1 GHz 2,3 Ω 0.51 0.38 Resistance, 85°C RS +10 mA, 1 GHz 2,3 Ω 1.08 0.82 Resistance, 85°C RS +70 mA, 1 GHz 2,3 Ω 0.84 0.69 Forward Voltage VF +10 mA V 0.74 0.9 0 0.72 0.90 Reverse Leakage Current IR -115 V uA - 10 - 10 Third Order Intercept Point IP3 F1= 1800 MHz F2 = 1810 MHz Input Power = 0 dBm I bias = +70 mA dBc -36.8 - 37. 0 Thermal Resistance θ °C/W 30 13 Lifetime TL +10 mA / -6 mA ( 50% - 90% V ) uS 1.3 1.6 Notes: 1) Total capacitance, CT, is equivalent to the sum of Junction Capacitance ,Cj, and Parasitic Capacitance, Cpar. 2) Series resistance RS is equivalent to the total diode resistance : Rs = Rj ( Junction Resistance) + Rc ( Ohmic Resistance) 3) Rs and CT are measured on an HP4291A Impedance Analyzer with the die mounted in an ODS-186 package . 4) Theta (θ) is measured with the die mounted in an ODS-186 package . Typical Spice Parameters @ TAMB = +25°C Spice Parameter N RS IS IK BV IBV Ct CJO VJ M FC Cpar_Cj Units - A (mA) (Volts) ( A) (pF) (pF) (Volts) - - (F) MADP-017015-1314 1.1 1.2 9.8E-15 14.7 145 10 0.46 0.10 0.29 0.50 0.34 3.5E-13 MADP-030015-1314 1.1 1.1 8.5E-15 13.9 145 10 1.12 0.29 0.18 0.50 0.19 8.2E-13 |
Similar Part No. - MADP-017015-1314 |
|
Similar Description - MADP-017015-1314 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |