Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-009190 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-009190
Description  Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-009190 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADR-009190_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADR-009190_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Quad Driver for GaAs FET or PIN Diode
Switches and Attenuators
Rev. V5
MADR-009190
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Guaranteed Operating Ranges (for driving FET or PIN devices)7,8,9
Symbol
Parameter
Unit
Min.
Typ.
Max.
VCC
Positive DC Supply Voltage
V
4.5
5.0
5.5
VEE
Negative DC Supply Voltage
V
-10.5
-5.0
-4.5
VOPT
10,11
Optional DC Output Supply Voltage
V
0
VCC
VOPT - VEE
Negative Supply Voltage Range
V
4.5
Note 10,11
16.0
VCC - VEE
Positive to negative Supply Range
V
9.0
10.0
16.0
TOPER
Operating Temperature
°C
-40
+25
+85
IOH
DC Output Current - High
mA
-35
IOL
DC Output Current - Low
mA
35
TRISE, TFALL
Maximum Input Rise or Fall Time
ns
500
7. Unused logic inputs must be tied to either GND or VCC.
8. MACOM recommends that VCC be powered on before VEE, and powered off after VEE.
9. 0.01 µF decoupling capacitors are required on the power supply lines.
10. VOPT is grounded in most cases when FETs are driven. To improve the intermodulation performance and the 1 dB compression point of
GaAs control devices at low frequencies, VOPT can be increased to between 1 and 2 V. The nonlinear characteristics of the GaAs control
devices will approximate performance at 500 MHz. It should be noted that the control current that is on the GaAs MMICs will increase
when positive controls are applied.
11. When this driver is used to drive PIN diodes, VOPT is often set to +5 V, with VEE set to -5 V.


Similar Part No. - MADR-009190_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
170Kb / 9P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
203Kb / 8P
   Quad Driver for GaAs FET or PIN Diode
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
MADR-009190-000100-V4 MA-COM-MADR-009190-000100-V4 Datasheet
203Kb / 8P
   Quad Driver for GaAs FET or PIN Diode
MADR-009190-000100_V4 MA-COM-MADR-009190-000100_V4 Datasheet
203Kb / 8P
   Quad Driver for GaAs FET or PIN Diode
More results

Similar Description - MADR-009190_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
170Kb / 9P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269 MA-COM-MADR-009269 Datasheet
741Kb / 9P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com