Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD13201W10 Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD13201W10
Description  N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13201W10 Datasheet(HTML) 3 Page - Texas Instruments

  CSD13201W10_15 Datasheet HTML 1Page - Texas Instruments CSD13201W10_15 Datasheet HTML 2Page - Texas Instruments CSD13201W10_15 Datasheet HTML 3Page - Texas Instruments CSD13201W10_15 Datasheet HTML 4Page - Texas Instruments CSD13201W10_15 Datasheet HTML 5Page - Texas Instruments CSD13201W10_15 Datasheet HTML 6Page - Texas Instruments CSD13201W10_15 Datasheet HTML 7Page - Texas Instruments CSD13201W10_15 Datasheet HTML 8Page - Texas Instruments CSD13201W10_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD13201W10
www.ti.com
SLPS306A – MAY 2012 – REVISED SEPTEMBER 2015
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 9.6 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 8 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
0.65
0.8
1.1
V
VGS = 1.8 V, ID = 1 A
38
53
RDS(on)
Drain-to-source on resistance
VGS = 2.5 V, ID = 1 A
29
39
m
VGS = 4.5 V, ID = 1 A
26
34
gfs
Transconductance
VDS = 6 V, ID = 1 A
23
S
DYNAMIC CHARACTERISTICS
CISS
Input capacitance
385
462
pF
COSS
Output capacitance
VGS = 0 V, VDS = 6 V, ƒ = 1 MHz
245
294
pF
CRSS
Reverse transfer capacitance
18.1
22.6
pF
Rg
Series gate resistance
3
Qg
Gate charge total (4.5 V)
2.3
2.9
nC
Qgd
Gate charge gate-to-drain
0.3
nC
VDS = 6 V, ID = 1 A
Qgs
Gate charge gate-to-source
0.5
nC
Qg(th)
Gate charge at Vth
0.3
nC
QOSS
Output charge
VDS = 6.0 V, VGS = 0 V
1.8
nC
td(on)
Turn on delay time
3.9
ns
tr
Rise time
5.9
ns
VDS = 6 V, VGS = 4.5 V, ID = 1 A
RG = 20 Ω
td(off)
Turn off delay time
14.4
ns
tf
Fall time
9.7
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
IS = 1 A, VGS = 0 V
0.7
1
V
Qrr
Reverse recovery charge
2.4
nC
VDS= 6 V, IS = 1 A, di/dt = 100 A/μs
trr
Reverse recovery time
11.5
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Thermal resistance junction-to-ambient (minimum Cu area)
228.6
°C/W
RθJA
Thermal resistance junction-to-ambient (1 in2 Cu area)
131.1
°C/W
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD13201W10


Similar Part No. - CSD13201W10_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Similar Description - CSD13201W10_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com