Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3630A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3630A
Description  High-Efficiency Dual-String White LED Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3630A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3630A_15 Datasheet HTML 6Page - Texas Instruments LM3630A_15 Datasheet HTML 7Page - Texas Instruments LM3630A_15 Datasheet HTML 8Page - Texas Instruments LM3630A_15 Datasheet HTML 9Page - Texas Instruments LM3630A_15 Datasheet HTML 10Page - Texas Instruments LM3630A_15 Datasheet HTML 11Page - Texas Instruments LM3630A_15 Datasheet HTML 12Page - Texas Instruments LM3630A_15 Datasheet HTML 13Page - Texas Instruments LM3630A_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C020
VIN = 3.6V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C021
VIN = 4.2V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C018
VIN = 2.5V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C019
VIN = 2.7V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C016
VIN = 4.2V
Freq = 500kHz
LED = 1p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C017
VIN = 5.5V
Freq = 500kHz
LED = 1p10s
L = 10uH
LM3630A
SNVS974B – APRIL 2013 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, ILED full-scale = 20 mA, unless specified otherwise.
VIN = 4.2 V
1p10s
L = 10 µH
VIN = 5.5 V
1p10s
L = 10 µH
Frequency = 500 kHz
Frequency = 500 kHz
Figure 19. Boost and LED Efficiency
Figure 20. Boost and LED Efficiency
VIN = 2.5 V
2p10s
L = 10 µH
VIN = 2.7 V
2p10s
L = 10 µH
Frequency = 1 MHz
Frequency = 1 MHz
Figure 21. Boost and LED Efficiency
Figure 22. Boost and LED Efficiency
VIN = 3.6 V
2p10s
L = 10 µH
VIN = 4.2 V
2p10s
L = 10 µH
Frequency = 1 MHz
Frequency = 1 MHz
Figure 23. Boost and LED Efficiency
Figure 24. Boost and LED Efficiency
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LM3630A


Similar Part No. - LM3630A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3630A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com