Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65014 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65014
Description  Power- and Battery-Management IC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65014 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65014_15 Datasheet HTML 2Page - Texas Instruments TPS65014_15 Datasheet HTML 3Page - Texas Instruments TPS65014_15 Datasheet HTML 4Page - Texas Instruments TPS65014_15 Datasheet HTML 5Page - Texas Instruments TPS65014_15 Datasheet HTML 6Page - Texas Instruments TPS65014_15 Datasheet HTML 7Page - Texas Instruments TPS65014_15 Datasheet HTML 8Page - Texas Instruments TPS65014_15 Datasheet HTML 9Page - Texas Instruments TPS65014_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
TPS65014
SLVS551A – DECEMBER 2004 – REVISED SEPTEMBER 2015
www.ti.com
6.4 Thermal Information
TPS65014
THERMAL METRIC(1)
RGZ (VQFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
27.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.3
°C/W
RθJB
Junction-to-board thermal resistance
4.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VI(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = –40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0°C < TA < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL SIGNALS: LOW_PWR, SCLK, SDAT (INPUT)
VIH
High-level input voltage
IIH = 20 µA
(1)
2
VCC
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.8
V
IIB
Input bias current
0.01
1
µA
CONTROL SIGNALS: PB_ONOFF, HOT_RESET, BATT_COVER
VIH
High-level input voltage
IIH = 20 µA
(1)
0.8 VCC
6
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.4
V
R(pb_onoff)
Pulldown resistor at PB_ONOFF
1000
k
Pullup resistor at HOT_RESET,
R(hot_reset)
1000
k
connected to VCC
R(batt_cover)
Pulldown resistor at BATT_COVER
2000
k
CONTROL SIGNALS: MPU_RESET, PWRFAIL, RESPWRON, INT, SDAT (OUTPUT)
VOH
High-level output voltage
6
V
VOL
Low-level output voltage
IIL = 10 mA
0
0.3
V
SUPPLY PIN: VCC
I(Q)
Operating quiescent current
VI = 3.6 V, current into Main + Core + VCC
70
µA
VI = 3.6 V, BATT_COVER = GND,
IO(SD)
Shutdown supply current
15
25
µA
Current into Main + Core + VCC
(1)
If the input voltage is higher than VCC, an additional input current, limited by an internal 10-kΩ resister, flows.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS65014


Similar Part No. - TPS65014_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65014RGZ TI-TPS65014RGZ Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZR TI-TPS65014RGZR Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZRG4 TI-TPS65014RGZRG4 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZT TI-TPS65014RGZT Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZTG4 TI-TPS65014RGZTG4 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65014_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
Texas Instruments
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
logo
Texas Instruments
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com