Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3710DSER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710DSER
Description  Wide VIN Voltage Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710DSER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3710DSER Datasheet HTML 2Page - Texas Instruments TPS3710DSER Datasheet HTML 3Page - Texas Instruments TPS3710DSER Datasheet HTML 4Page - Texas Instruments TPS3710DSER Datasheet HTML 5Page - Texas Instruments TPS3710DSER Datasheet HTML 6Page - Texas Instruments TPS3710DSER Datasheet HTML 7Page - Texas Instruments TPS3710DSER Datasheet HTML 8Page - Texas Instruments TPS3710DSER Datasheet HTML 9Page - Texas Instruments TPS3710DSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VDD
SENSE
OUT
VIT+
V HYS
t pd(LH)
t pd(LH)
t pd(HL)
VIT±
t
d(start)
V(POR)
TPS3710
SBVS271 – OCTOBER 2015
www.ti.com
6.6 Timing Requirements
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD = 5 V, 10-mV input overdrive,
tpd(HL)
High-to-low propagation delay (1)
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
18
µs
see Figure 1
VDD = 5 V, 10-mV input overdrive,
tpd(LH)
Low-to-high propagation delay (1)
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
29
µs
see Figure 1
td(start)
Start-up delay (2)
150
µs
(1)
High-to-low and low-to-high refers to the transition at the input pin (SENSE).
(2)
During power on, VDD must exceed 1.8 V for at least 150 µs before the output is in a correct state.
6.7 Switching Characteristics
over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V, 10-mV input overdrive,
tr
Output rise time
2.2
µs
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
VDD = 5 V, 10-mV input overdrive,
tf
Output fall time
0.22
µs
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3710


Similar Part No. - TPS3710DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710QDSERQ1 TI1-TPS3710QDSERQ1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com