Electronic Components Datasheet Search |
|
TPS3710DSER Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS3710DSER Datasheet(HTML) 7 Page - Texas Instruments |
7 / 24 page Positive-Going Input Threshold Overdrive (%) 2.5 4 5.5 7 8.5 10 11.5 13 14.5 0 2 4 6 8 10 12 14 16 Temperature (GC) -40 -25 -10 5 20 35 50 65 80 95 110 125 14 16 18 20 22 24 26 28 30 VDD = 1.8 V VDD = 18 V Temperature (GC) -40 -25 -10 5 20 35 50 65 80 95 110 125 3 4 5 6 7 8 9 VDD = 1.8 V VDD = 5 V VDD = 12 V VDD = 18 V Temperature (GC) -40 -25 -10 5 20 35 50 65 80 95 110 125 9 11 13 15 17 19 21 23 25 VDD = 1.8 V VDD = 18 V Supply Voltage (V) 0 2 4 6 8 10 12 14 16 18 0 1 2 3 4 5 6 7 8 9 10 TJ = -40°C TJ = 0°C TJ = +25°C TJ = +85°C TJ = +125°C Temperature (GC) -40 -25 -10 5 20 35 50 65 80 95 110 125 399 399.4 399.8 400.2 400.6 401 VDD = 1.8 V VDD = 5 V VDD = 12 V VDD = 18 V TPS3710 www.ti.com SBVS271 – OCTOBER 2015 6.8 Typical Characteristics at TJ = 25°C and VDD = 5 V (unless otherwise noted) Figure 2. Supply Current (IDD) vs Supply Voltage (VDD) Figure 3. Rising Input Threshold Voltage (VIT+) vs Temperature Figure 5. Propagation Delay vs Temperature Figure 4. Hysteresis (Vhys) vs Temperature (High-to-Low Transition at Sense) SENSE = negative spike below VIT– Figure 6. Propagation Delay vs Temperature Figure 7. Minimum Pulse Width vs (Low-to-High Transition at Sense) Threshold Overdrive Voltage Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TPS3710 |
Similar Part No. - TPS3710DSER |
|
Similar Description - TPS3710DSER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |