Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27321 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC27321
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27321_15 Datasheet HTML 6Page - Texas Instruments UCC27321_15 Datasheet HTML 7Page - Texas Instruments UCC27321_15 Datasheet HTML 8Page - Texas Instruments UCC27321_15 Datasheet HTML 9Page - Texas Instruments UCC27321_15 Datasheet HTML 10Page - Texas Instruments UCC27321_15 Datasheet HTML 11Page - Texas Instruments UCC27321_15 Datasheet HTML 12Page - Texas Instruments UCC27321_15 Datasheet HTML 13Page - Texas Instruments UCC27321_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10 nF Between Output and GND
50 s/div
OUT
VDD
IN = GND
ENBL = VDD
0 V
10 nF Between Output and GND
50 s/div
VDD
OUT
IN = GND
ENBL = VDD
0 V
1.0
1.5
2.0
2.5
3.0
0
0.5
-- 50
125
-- 25
0
2
5
5
0
100
75
TJ – Temperature –°C
ENBL -
- ON
ENBL -
- OFF
ENBL -
- HYSTERESIS
T – Temperature –
J
°C
110
130
140
100
150
120
70
80
90
60
-- 50
125
--25
0
2
5
5
0
1
0
0
75
50
--50
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
125
-- 25
0
2
5
5
0
1 0
0
75
TJ – Temperature –°C
VDD = 15 V
VDD = 10 V
VDD = 4. 5 V
tD2
VIN(peak) – Peak Input Voltage – V
30
40
45
25
50
35
0
10
15
20
5
15
0
10
5
tRISE
tFALL
tD1
VDD = 15 V
CLOAD = 10 n F
TA = 25°C
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Figure 15. Propagation Times vs Peak Input Voltage
Figure 16. Input Threshold vs Temperature
Figure 18. Enable Resistance vs Temperature
Figure 17. Enable Threshold and Hysteresis vs Temperature
Figure 20. Output Behavior vs VDD (UCC37321)
Figure 19. Output Behavior vs VDD (UCC37321)
10
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated


Similar Part No. - UCC27321_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com