Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC438MS8G Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC438MS8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC438MS8G Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC438MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
10 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
-20
-15
-10
-5
0
5
10
15
20
012
3
4567
89
INPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
15
20
012
3
4567
89
Min Pin +25 C
Max Pin +25 C
Min Pin +85 C
Max Pin +85 C
Min Pin -40 C
Max Pin -40 C
INPUT FREQUENCY (GHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
012
3
4567
89
+25 C
+85 C
-40 C
INPUT FREQUENCY (GHz)
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC438MS8G
SSB Phase Noise Performance,
Pin= 0 dBm, Fin= 6GHz, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7.0 GHz
Output Power vs. Temperature
Recommended
Operating Window
-50
-40
-30
-20
-10
0
012
3
4567
89
Pfeedthru
2nd Harm
3rd Harm
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
012
3
4567
89
Both Output Ports Terminated
One Output Port Terminated
INPUT FREQUENCY (GHz)
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic
Content, Pin= 0 dBm, T= 25 °C
v01.1002


Similar Part No. - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
logo
Analog Devices
HMC438MS8G AD-HMC438MS8G Datasheet
483Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Hittite Microwave Corpo...
HMC438MS8GE HITTITE-HMC438MS8GE Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Analog Devices
HMC438MS8GE AD-HMC438MS8GE Datasheet
483Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
More results

Similar Description - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
227Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
logo
Analog Devices
HMC438MS8G AD-HMC438MS8G Datasheet
483Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G_10 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com