Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322DGN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27322DGN
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322DGN Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27322DGN Datasheet HTML 5Page - Texas Instruments UCC27322DGN Datasheet HTML 6Page - Texas Instruments UCC27322DGN Datasheet HTML 7Page - Texas Instruments UCC27322DGN Datasheet HTML 8Page - Texas Instruments UCC27322DGN Datasheet HTML 9Page - Texas Instruments UCC27322DGN Datasheet HTML 10Page - Texas Instruments UCC27322DGN Datasheet HTML 11Page - Texas Instruments UCC27322DGN Datasheet HTML 12Page - Texas Instruments UCC27322DGN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
10
30
40
60
70
0
1
10
100
20
50
CLOAD – Load Capacitance – nF
VDD = 5 V
VDD = 15 V
VDD = 10 V
70
10
100
10
30
40
60
0
1
20
50
CLOAD – Load Capacitance – nF
VDD = 15 V
VDD = 5 V
VDD = 10 V
10
20
40
50
60
0
30
70
4
16
6
8
10
14
12
VDD – Supply Voltage – V
tA = 105°C
tA = 25°C
tA = 0°C
CLOAD = 10 n F
t = –40 C
A
°
10
20
40
50
60
0
30
70
4
16
6
8
10
14
12
VDD – Supply Voltage – V
tA = 105°C
tA = 0°C
CLOAD = 10 n F
tA = 25°C
t = –40 C
A
°
CLOAD –- Load Capacitance – nF
0
10
20
30
40
0.1
1
10
VDD = 5 V
VDD = 10 V
VDD = 15 V
CLOAD – Load Capacitance – nF
40
80
120
160
200
0
0.1
VDD = 5 V
VDD = 10 V
VDD = 15 V
1
10
UCC27321, UCC27322
UCC37321, UCC37322
www.ti.com
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
Typical Characteristics (continued)
Figure 10. Fall Time vs Output Capacitance
Figure 9. Rise Time vs Load Capacitance
Figure 11. tD1 Delay Time vs Supply Voltage
Figure 12. tD2 Delay Time vs Supply Voltage
Figure 14. tD2 Delay Time vs Load Capacitance
Figure 13. tD1 Delay Time vs Load Capacitance
Copyright © 2002–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - UCC27322DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322DGN TI-UCC27322DGN Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGN TI-UCC27322DGN Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGN TI1-UCC27322DGN Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGNG4 TI-UCC27322DGNG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGNG4 TI1-UCC27322DGNG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27322DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com