Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322DGNG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC27322DGNG4
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322DGNG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27322DGNG4 Datasheet HTML 7Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 8Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 9Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 10Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 11Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 12Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 13Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 14Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
10 nF Between Output and GND
50 s/div
0 V
V
DD
OUT
IN = GND
ENBL = V
DD
10 nF Between Output and GND
50 s/div
0 V
V
DD
OUT
IN = GND
ENBL = V
DD
10 nF Between Output and GND
50 s/div
OUT
VDD
0 V
IN = VDD
ENBL = VDD
10 nF Between Output and GND
50 s/div
OUT
VDD
0 V
IN = VDD
ENBL = VDD
UCC27321, UCC27322
UCC37321, UCC37322
www.ti.com
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
Typical Characteristics (continued)
Figure 21. Output Behavior vs VDD (Inverting)
Figure 22. Output Behavior vs VDD (Inverting)
Figure 23. Output Behavior vs VDD (Noninverting)
Figure 24. Output Behavior vs VDD (Noninverting)
Copyright © 2002–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - UCC27322DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322DGNG4 TI-UCC27322DGNG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGNG4 TI1-UCC27322DGNG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27322DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com