Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC439QS16G Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC439QS16G
Description  HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC439QS16G Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC439QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
10 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC439QS16G
HBT DIGITAL PHASE-FREQUENCY
DETECTOR, 10 - 1300 MHz
v01.0503
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
−π
−π/2
0
π/2
π
250MHz
800MHz
1.3GHz
PHASE DIFFERENCE (rad)
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
−π
−π/2
0
π/2
π
Vcc=4.75V
Vcc=5.0V
Vcc=5.25V
PHASE DIFFERENCE (rad)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
Error Voltage vs. Frequency, Pin= 0 dBm*
Error Voltage vs. Supply Voltage,
Pin= 0 dBm, Fin= 250 MHz*
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
−π
−π/2
0
π/2
π
+25 C
+85 C
-40 C
PHASE DIFFERENCE (rad)
Error Voltage vs.
Temperature, Pin= 0 dBm, Fin= 250 MHz*
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2
10
3
10
4
10
5
10
6
OFFSET FREQUENCY (Hz)
1280 MHz
100 MHz
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2
10
3
10
4
10
5
10
6
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
SSB Phase Noise Performance,
Pin= 0 dBm, Fin= 100 MHz
SSB Phase Noise Performance,
Pin= 0 dBm, T= 25 °C
* See Gain & Error Voltage Test Circuit herein.


Similar Part No. - HMC439QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC439QS16G HITTITE-HMC439QS16G Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Hittite Microwave Corpo...
HMC439QS16GE HITTITE-HMC439QS16GE Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16GE AD-HMC439QS16GE Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
More results

Similar Description - HMC439QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
logo
Analog Devices
HMC3716LP4E AD-HMC3716LP4E Datasheet
1Mb / 11P
   HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_06 Datasheet
558Kb / 10P
   HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
HMC403S8G HITTITE-HMC403S8G_03 Datasheet
258Kb / 8P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC403S8G HITTITE-HMC403S8G_10 Datasheet
182Kb / 8P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC984LP4E HITTITE-HMC984LP4E Datasheet
2Mb / 34P
   DIGITAL PHASE-FREQUeNCY DETECTOR
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com