Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27322P
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322P Datasheet(HTML) 4 Page - Texas Instruments

  UCC27322P Datasheet HTML 1Page - Texas Instruments UCC27322P Datasheet HTML 2Page - Texas Instruments UCC27322P Datasheet HTML 3Page - Texas Instruments UCC27322P Datasheet HTML 4Page - Texas Instruments UCC27322P Datasheet HTML 5Page - Texas Instruments UCC27322P Datasheet HTML 6Page - Texas Instruments UCC27322P Datasheet HTML 7Page - Texas Instruments UCC27322P Datasheet HTML 8Page - Texas Instruments UCC27322P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage, VDD
–0.3
16
V
Output current (OUT) DC, IOUT_DC
0.6
A
Input voltage (IN), VIN
–0.3
6 V or VDD + 0.3
(3)
V
Enable voltage (ENBL)
–0.3
6 V or VDD + 0.3
(3)
V
D package
650
mW
Power dissipation at TA = 25°C
DGN package
3
W
P package
350
mW
Lead temperature (soldering, 10 s)
300
°C
Junction operating temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating ConditionsRecommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
(3)
Whichever is larger
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
15
V
7.4 Thermal Information
UCC27322
UCC27321
DGN (MSOP-
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
UNIT
PowerPAD)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
56.6
55.9
56.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.8
45.3
52.9
°C/W
RθJB
Junction-to-board thermal resistance
32.6
32.6
32.7
°C/W
ψJT
Junction-to-top characterization parameter
1.8
23.0
1.8
°C/W
ψJB
Junction-to-board characterization parameter
32.3
32.5
32.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.9
5.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated


Similar Part No. - UCC27322P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322P TI-UCC27322P Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27322P TI-UCC27322P Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322P TI1-UCC27322P Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322PE4 TI-UCC27322PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322PE4 TI1-UCC27322PE4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27322P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com