Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37321PE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37321PE4
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37321PE4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC37321PE4 Datasheet HTML 1Page - Texas Instruments UCC37321PE4 Datasheet HTML 2Page - Texas Instruments UCC37321PE4 Datasheet HTML 3Page - Texas Instruments UCC37321PE4 Datasheet HTML 4Page - Texas Instruments UCC37321PE4 Datasheet HTML 5Page - Texas Instruments UCC37321PE4 Datasheet HTML 6Page - Texas Instruments UCC37321PE4 Datasheet HTML 7Page - Texas Instruments UCC37321PE4 Datasheet HTML 8Page - Texas Instruments UCC37321PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
8
7
6
5
VDD
IN
ENBL
AGND
VDD
OUT
OUT
PGND
UCC27321, UCC27322
UCC37321, UCC37322
www.ti.com
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
5 Description (continued)
Using a design that inherently minimizes shoot-through current, the outputs of these can provide high gate drive
current where it is most needed at theMiller plateau region during the MOSFET switching transition. A unique
hybrid output stage paralleling bipolar and MOSFET transistors (TrueDrive) allows efficient current delivery at low
supply voltages. With this drive architecture, UCC3732x can be used in industry standard 6-A, 9-A and many 12-
A driver applications. Latch up and ESD protection circuitries are also included. Finally, the UCC3732x provides
an enable (ENBL) function to have better control of the operation of the driver applications. ENBL is implemented
on pin 3, which was previously left unused in the industry standard pinout. It is internally pulled up to VDD for
active high logic and can be left open for standard operation.
In addition to the 8-pin SOIC (D) and 8-pin PDIP (P) package offerings, the UCC3732x also comes in the
thermally enhanced but tiny 8-pin MSOP PowerPAD™ (DGN) package. The PowerPAD package drastically
lowers the thermal resistance to extend the temperature operation range and improve the long-term reliability.
6 Pin Configuration and Functions
P, D, and DGN Packages
8-Pin PDIP, SOIC, and MSOP With PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
The AGND and the PGND must be connected by a single thick trace directly under the
device. There must be a low ESR, low ESL capacitor of 0.1 µF between VDD (pin 8) and
PGND and a separate 0.1-µF capacitor between VDD (pin 1) and AGND. The power
AGND
4
MOSFETs must be located on the PGND side of the device while the control circuit must be
on the AGND side of the device. The control circuit ground must be common with the AGND
while the PGND must be common with the source of the power FETs.
Enable input for the driver with logic compatible threshold and hysteresis. The driver output
can be enabled and disabled with this pin. It is internally pulled up to VDD with 100-kΩ
ENBL
3
I
resistor for active high operation. When the device is disabled, the output state is, low
regardless of the input state.
IN
2
I
Input signal of the driver which has logic compatible threshold and hysteresis.
Driver outputs that must be connected together externally. The output stage is capable of
OUT
6, 7
O
providing 9-A peak drive current to the gate of a power MOSFET.
Common ground for output stage. This ground must be connected very closely to the source
PGND
5
of the power MOSFET which the driver is driving. Grounds are separated to minimize ringing
affects due to output switching di/dt which can affect the input threshold.
Supply voltage and the power input connections for this device. Two pins must be connected
VDD
1, 8
I
together externally.
Copyright © 2002–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321PE4 TI-UCC37321PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321PE4 TI1-UCC37321PE4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com