Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37321PE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37321PE4
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37321PE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC37321PE4 Datasheet HTML 2Page - Texas Instruments UCC37321PE4 Datasheet HTML 3Page - Texas Instruments UCC37321PE4 Datasheet HTML 4Page - Texas Instruments UCC37321PE4 Datasheet HTML 5Page - Texas Instruments UCC37321PE4 Datasheet HTML 6Page - Texas Instruments UCC37321PE4 Datasheet HTML 7Page - Texas Instruments UCC37321PE4 Datasheet HTML 8Page - Texas Instruments UCC37321PE4 Datasheet HTML 9Page - Texas Instruments UCC37321PE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
0V
5V
0V
IN
OUT
20%
80%
80%
20%
80%
80%
OUT
(a)
( b)
VTH
VTH
VDD
tD1
tD2
t
t
F
R
IN
VTH
tD1
tD2
t
t
V
R
F
TH
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
www.ti.com
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE (ENBL)
tD3, propagation delay time
(1)
CLOAD = 10 nF
60
90
ns
tD4, propagation delay time
(1)
CLOAD = 10 nF
60
90
ns
SWITCHING TIME(2)
tR, rise time (OUT)
CLOAD = 10 nF
20
70
ns
tF, fall time (OUT)
CLOAD = 10 nF
20
30
ns
tD1, propagation delay, IN rising (IN to OUT)
CLOAD = 10 nF
25
70
ns
tD2, propagation delay, IN falling (IN to OUT)
CLOAD = 10 nF
35
70
ns
(1)
See Figure 2.
(2)
See Figure 1 for switching waveforms.
7.7 Power Dissipation Ratings
Power Rating
Derating Factor
PACKAGE
SUFFIX
θjc (°C/W)
θja (°C/W)
(mW)
Above
TA = 70°C
(1)
70°C (mW/°C)(1)
SOIC-8
D
42
84 to 160(2)
344 to 655(2)
6.25 to 11.9(2)
PDIP-8
P
49
110
500
9
MSOP PowerPAD-8
DGN
4.7
50 to 59
1370
17.1
(1)
125°C operating junction temperature is used for power rating calculations
(2)
The range of values indicates the effect of the printed-circuit-board. These values are intended to give the system designer an indication
of the best and worst case conditions. In general, the system designer should attempt to use larger traces on the printed-circuit-board
where possible to spread the heat away form the device more effectively. For additional information on device temperature
management, see the Packaging Information section of the Power Supply Control Products Data Book, (SLUD003).
The 20% and 80% thresholds depict the dynamics of the BiPolar output devices that dominate the power MOSFET
transition through the Miller regions of operation.
Figure 1. Switching Waveforms for (a) Inverting Input to (b) Output Times
6
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated


Similar Part No. - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321PE4 TI-UCC37321PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321PE4 TI1-UCC37321PE4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com