Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37322DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37322DGN
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37322DGN Datasheet(HTML) 1 Page - Texas Instruments

  UCC37322DGN Datasheet HTML 1Page - Texas Instruments UCC37322DGN Datasheet HTML 2Page - Texas Instruments UCC37322DGN Datasheet HTML 3Page - Texas Instruments UCC37322DGN Datasheet HTML 4Page - Texas Instruments UCC37322DGN Datasheet HTML 5Page - Texas Instruments UCC37322DGN Datasheet HTML 6Page - Texas Instruments UCC37322DGN Datasheet HTML 7Page - Texas Instruments UCC37322DGN Datasheet HTML 8Page - Texas Instruments UCC37322DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
OUT
VDD
IN
3
ENBL
7
VDD
8
INVERTING
NON--
INVERTING
PGND
6
5
4
AGND
VDD
2
RENBL
100 k
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
UCC2732x/UCC3732x Single 9-A High-Speed Low-Side Mosfet Driver With Enable
1 Features
2 Applications
1
Industry-Standard Pin-Out With Addition of Enable
Switch Mode Power Supplies
Function
DC-DC Converters
High-Peak Current Drive Capability of ±9 A at
Motor Controllers
theMiller plateau region Using TrueDrive
Class-D Switching Amplifiers
Efficient Constant Current Sourcing Using a
Line Drivers
Unique BiPolar and CMOS Output Stage
Pulse Transformer Drivers
TTL/CMOS Compatible Inputs Independent of
Supply Voltage
3 Description
20-ns Typical Rise and Fall Times With 10-nF
The
UCC2732x/UCC3732x
family
of
high-speed
Load
drivers deliver 9 A of peak drive current in an industry
standard pinout. These drivers can drive the largest
Typical Propagation Delay Times of 25 ns With
of MOSFETs for systems requiring extreme Miller
Input Falling and 35 ns With Input Rising
current due to high dV/dt transitions. This eliminates
4-V to 15-V Supply Voltage
additional external circuits and can replace multiple
Available in Thermally Enhanced MSOP
components to reduce space, design complexity, and
PowerPAD™ Package With 4.7°C/W
θjc
assembly cost. Two standard logic options are
offered,
inverting
(UCC37321)
and
noninverting
Rated From –40°C to +105°C
(UCC37322).
Pb-Free Finish (CU NIPDAU) on 8-pin SOIC and
PDIP Packages
Device Information(1)
PART
PACKAGE
BODY SIZE (NOM)
NUMBER
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
UCC2732x
SOIC (8)
3.91 mm × 4.90 mm
UCC3732x
PDIP (8)
6.35 mm × 9.81 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC37322DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37322DGN TI-UCC37322DGN Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC37322DGN TI-UCC37322DGN Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37322DGN TI1-UCC37322DGN Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC37322DGNG4 TI-UCC37322DGNG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37322DGNG4 TI1-UCC37322DGNG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37322DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com