Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047031 Datasheet(PDF) 4 Page - SICK AG

Part # 1047031
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1047031 Datasheet(HTML) 4 Page - SICK AG

  1047031 Datasheet HTML 1Page - SICK AG 1047031 Datasheet HTML 2Page - SICK AG 1047031 Datasheet HTML 3Page - SICK AG 1047031 Datasheet HTML 4Page - SICK AG 1047031 Datasheet HTML 5Page - SICK AG 1047031 Datasheet HTML 6Page - SICK AG 1047031 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DME5000-211S08 | DME5000
LONG RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Connection type
DME4/5xxx SSI/RS-422 Connector M16, 8-pin
Connection diagram
1
Data+ (TX+)
MF1
L+ (18 V ... 30 V)
MF2
Data– (TX–)
1
2
4
pnk
wht
gra
3
brn
5
blk
CLK+ (RX+)
6
vio
M (0 V)
7
blu
CLK– (RX–)
8
red
①  Connector M16, 8-pin
Adjustment possible
2
3
Esc
Set
D M E
MF1
MF2
TMP
ATT
LSR
PLB
RDY
BUS
Ver. 1.0
②  LC display
③  Keypad
Recommended accessories
Other models and accessories
www.sick.com/DME5000
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for DME5000, stainless steel (1.4541), incl. mounting material, addition-
al base plate mounting kit required, mounting hardware included
BEF-AH-DME5
2027721
Plug connectors and cables


Similar Part No. - 1047031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047031 PHOENIX-1047031 Datasheet
310Kb / 17P
   Relay base - RIF-2-BSC/4X21/EX
More results

Similar Description - 1047031

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com