Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCU983 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TCU983
Description  8 Bits TV game system
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TCU983 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TCU983 Datasheet HTML 7Page - Tontek Design Technology TCU983 Datasheet HTML 8Page - Tontek Design Technology TCU983 Datasheet HTML 9Page - Tontek Design Technology TCU983 Datasheet HTML 10Page - Tontek Design Technology TCU983 Datasheet HTML 11Page - Tontek Design Technology TCU983 Datasheet HTML 12Page - Tontek Design Technology TCU983 Datasheet HTML 13Page - Tontek Design Technology TCU983 Datasheet HTML 14Page - Tontek Design Technology TCU983 Datasheet HTML 15Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PAGE 11
Reference Only
Version : 2.1
Date:2007/08/02
VIN
VOUT
VSS
AC
AC ADAPTOR
NPN
C7
C6
C4
R3
5.1V
T V. SYSTEM
TV system application
26.601712
21.492337
21.453669
CRYSTAL (MHZ)
OPEN
OPEN
SHORT
OPEN
SHORT
SHORT
OPEN
21.477270
PAL N
PAL M
PAL B
NTSC
SHORT
JP2(F50R6)
JP1(PORN)
VDD application : for Battery power source
Battery
104
3.3V
(VDD)
100uf
SW
VDD application : for AC power source
(VDD)
47uF
-
+
9V
2.2K
9013
100uF
100uF
-
+
ZD1
-
+
SWITCH
ON/OFF


Similar Part No. - TCU983

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TCU981B TONTEK-TCU981B Datasheet
115Kb / 9P
   TCU981B 8 Bits TV game system
More results

Similar Description - TCU983

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TCU981B TONTEK-TCU981B Datasheet
115Kb / 9P
   TCU981B 8 Bits TV game system
logo
Mitsubishi Electric Sem...
M51354AP MITSUBISHI-M51354AP Datasheet
792Kb / 11P
   TV IF SYSTEM
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
Megawin Technology Co.,...
MG87FX52 MEGAWIN-MG87FX52 Datasheet
850Kb / 44P
   8 bits microcontroller
MG87FX2051A MEGAWIN-MG87FX2051A Datasheet
868Kb / 56P
   8-bits microcontroll
logo
Renesas Technology Corp
M51348FP RENESAS-M51348FP Datasheet
3Mb / 10P
   POCKET TV IF SYSTEM
logo
Holtek Semiconductor In...
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
   Casino Game 5-in-1 LCD Game
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
logo
Mitsubishi Electric Sem...
M51348FP MITSUBISHI-M51348FP Datasheet
544Kb / 9P
   Pocket Tv IF System
logo
STMicroelectronics
TDA440S STMICROELECTRONICS-TDA440S Datasheet
266Kb / 7P
   TV VIDEO IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com