Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0001 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0001
Description  Low Cost Two-Way SMT Power Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0001 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPDCC0001 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Cost Two-Way SMT Power Divider
824-960 MHz
Rev. V4
MAPDCC0001
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Isolation vs. Frequency
VSWR vs. Frequency
Phase Balance vs. Frequency Relative to RF1
Typical Performance @ +25ºC
Insertion Loss vs. Frequency
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
824
858
892
926
960
Frequency (MHz)
0
5
10
15
20
25
824
858
892
926
960
Frequency (MHz)
0.00
0.05
0.10
0.15
0.20
824
858
892
926
960
Frequency (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
824
858
892
926
960
Frequency (MHz)
Output
Input


Similar Part No. - MAPDCC0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0001 MACOM-MAPDCC0001 Datasheet
227Kb / 4P
   Low Cost Two-Way SMT Power Divider
logo
M/A-COM Technology Solu...
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
   Low Cost Two-Way SMT Power Divider
logo
Tyco Electronics
MAPDCC0001-TB MACOM-MAPDCC0001-TB Datasheet
227Kb / 4P
   Low Cost Two-Way SMT Power Divider
logo
M/A-COM Technology Solu...
MAPDCC0001-TB MA-COM-MAPDCC0001-TB Datasheet
115Kb / 4P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
More results

Similar Description - MAPDCC0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0001 MACOM-MAPDCC0001 Datasheet
227Kb / 4P
   Low Cost Two-Way SMT Power Divider
logo
M/A-COM Technology Solu...
MAPDCC0003 MA-COM-MAPDCC0003_15 Datasheet
130Kb / 4P
   Low Cost Two-Way SMT Power Divider
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
   Low Cost Two-Way SMT Power Divider
MAPDCC0003 MA-COM-MAPDCC0003 Datasheet
130Kb / 4P
   Low Cost Two-Way SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com