Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0008TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0008TR
Description  Low Cost Four-Way SMT Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0008TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0008TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0008TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0008TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0008TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Cost Four-Way SMT Power
Splitter/Combiner, 1700 - 2000 MHz
Rev. V3
MAPDCC0008
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Small Size and Low Profile
 Industry Standard SOW-16 SMT Plastic Package
 Excellent Repeatability (Lot-to-Lot Variation)
 Typical Isolation: 18 dB
 Typical Amplitude Balance: 0.1 dB
 Low Cost
 Typical Insertion Loss: 1.0 dB
 Lead-Free SOW-16 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of DS54-0002
Description
M/A-COM’s MAPDCC0008 is an IC-based mono-
lithic power splitter/combiner in a low cost SOW-16
plastic package. This device is ideally suited for ap-
plications where PCB real estate is at a premium
and standard packaging for automated assembly
and low cost are critical. Typical applications include
infrastructure, portables and peripheral devices
(PCMCIA cards) for wireless standards such as
GSM, AMPS, CDPD, RAM and ARDIS. Available in
tape and reel.
The MAPDCC0008 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
MAPDCC0008
Bulk Packaging
MAPDCC0008TR
1000 piece reel
MAPDCC0008-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
GND
2
GND
10
GND
3
RF2 (OUT)
11
GND
4
GND
12
RF4 (OUT)
5
RF1 (OUT)
13
GND
6
GND
14
RF3 (OUT)
7
RF IN
15
GND
8
GND
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - MAPDCC0008TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0008TR MA-COM-MAPDCC0008TR Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
More results

Similar Description - MAPDCC0008TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
   Low Cost Four-way SMT Power
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
DS54-0003 MACOM-DS54-0003 Datasheet
111Kb / 1P
   Low Cost Four-way SMT Power Splitter/Combiner, 1200 - 1660 MHz
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
   Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com