Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009101-001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009101-001SMB
Description  SPDT Default On High Isolation CATV Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009101-001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-009101-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-009101-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPDT Default On High Isolation CATV Switch
5 – 3000 MHz
Rev. V3
MASW-009101
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Isolation, RFC to RF1
Insertion Loss, RFC to RF1
Insertion Loss, RFC to RF2
Isolation, RFC to RF2
Typical Performance Curves: Powered State
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
2.5
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MASW-009101-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009101 MA-COM-MASW-009101 Datasheet
236Kb / 7P
   SPDT Default On High Isolation CATV Switch
More results

Similar Description - MASW-009101-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009101 MA-COM-MASW-009101 Datasheet
236Kb / 7P
   SPDT Default On High Isolation CATV Switch
MASWSS0103 MA-COM-MASWSS0103_15 Datasheet
707Kb / 5P
   SPDT High Isolation CATV Switch
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
   SPDT High Isolation CATV and Satellite Communications Switch
logo
Tyco Electronics
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com