Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-002103-13630P Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-002103-13630P
Description  Silicon SPDT Surface Mount HMIC PIN Diode Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-002103-13630P Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MASW-002103-13630P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MASW-002103-13630P Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Silicon SPDT Surface Mount HMIC PIN Diode Switch
50 MHz - 20 GHz
Rev. V11
MASW-002103-1363
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
DIM
INCHES
MM
Min.
Max.
Min.
Max.
A
6.98
7.02
177.3
178.3
B
.059
.098
1.5
2.5
C
.504
.520
12.8
13.2
D
.795
.815
20.2
20.7
N
2.14
2.19
54.5
55.5
W1
.331
.337
8.4
8.55
W2
.567
14.4
B
W1
W2
N
C
D
W1 & W2 measured at hub
A
Reel Information


Similar Part No. - MASW-002103-13630P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-13630P MA-COM-MASW-002103-13630P Datasheet
378Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
More results

Similar Description - MASW-002103-13630P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170 Datasheet
255Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W Datasheet
257Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365_15 Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170_15 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-010647 MA-COM-MASW-010647_15 Datasheet
697Kb / 6P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW-010647 MA-COM-MASW-010647 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW010647 MA-COM-MASW010647_15 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com