Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18S256160TC-5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB18S256160TC-5
Description  MEMORY SPECTRUM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18S256160TC-5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB18S256160TC-5 Datasheet HTML 5Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 6Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 7Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 8Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 9Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 10Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 11Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 12Page - Infineon Technologies AG HYB18S256160TC-5 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Nomenclature DDR / DDR2 Modules
Unbuffered DIMM, Registered DIMM (184-pin) and SO-DIMM (200-pin)
DRAM M odules
Part Number
Component Die Revision Indicator
Extension
Speed
8
=
PC1600 2-2-2
DDR200
7.5
=
PC2100 2.5-3-3
DDR266B
7
=
PC2100 2-3-3
DDR266A
7F
=
PC2100 2-2-2
DDR266
6
=
PC2700 2.5-3-3
DDR333
5
=
PC3200 3-3-3 / PC2-3200 3-3-3
DDR400 / DDR2-400
3.7
=
PC2-4300 4-4-4
DDR2-533
3
=
PC2-5300 4-4-4
DDR2-667
Power
L
=
Low Power
none =
Standard Power
Module Family
U
=
Unbuffered DIMM
TSOP-based for DDR / FBGA-based for DDR2
R
=
Registered DIMM
TSOP-based for DDR / FBGA-based for DDR2
D
=
SO-DIMM
TSOP-based for DDR / FBGA-based for DDR2
BD
=
SO-DIMM
FBGA-based
BR
=
Registered DIMM
FBGA-based
Package Type
G
=
Contains Lead
H
=
Lead-Free (ROHS*-compliant)
E
=
Lead and Halogen-Free available on request (ROHS*-compliant)
Designator
Product Variations
Number of
0
=
One Memory Module Rank
Memory Ranks
2
=
Two Memory Module Ranks
Designator
Data Sheet Defined
Memory Density
16
=
16 Mb
per DQ
32
=
32 Mb
64
=
64 Mb
128
=
128 Mb
256
=
256 Mb
Power Supply
D
=
2.5 V (DDR Modules)
T
=
1.8 V (DDR2 Modules)
Data Width64
=
x 64 (Non-ECC)
72
=
x 72 (ECC)
Prefix
HYS
=
Standard Prefix for SDRAM-based Memory Modules
* ROHS = Restriction Of Hazardous Substances
HYS 64
D
32
2
2
0
G
D
L
- 6
- A
(Example)


Similar Part No. - HYB18S256160TC-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H1G321AF-10/11/14 QIMONDA-HYB18H1G321AF-10/11/14 Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-10 QIMONDA-HYB18H256321BF-10 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-11 QIMONDA-HYB18H256321BF-11 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
More results

Similar Description - HYB18S256160TC-5

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
   SPECTRUM 100
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com