Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000CDGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000CDGKR
Description  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000CDGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2000CDGKR Datasheet HTML 4Page - Texas Instruments TPS2000CDGKR Datasheet HTML 5Page - Texas Instruments TPS2000CDGKR Datasheet HTML 6Page - Texas Instruments TPS2000CDGKR Datasheet HTML 7Page - Texas Instruments TPS2000CDGKR Datasheet HTML 8Page - Texas Instruments TPS2000CDGKR Datasheet HTML 9Page - Texas Instruments TPS2000CDGKR Datasheet HTML 10Page - Texas Instruments TPS2000CDGKR Datasheet HTML 11Page - Texas Instruments TPS2000CDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See Current Limit for explanation of this parameter.
(3)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
7.7 Electrical Characteristics: –40°C
≤ T
J ≤ 125°C
Unless otherwise noted:4.5 V
≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See
Device Comparison Table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(ON)
Input – output resistance
0.5-A rated output
DBV
97
154
m
1-A rated output
DBV
96
154
m
DGN
86
140
1.5-A rated output
DBV
76
121
m
DGN
69
112
m
2-A rated output
DGN, DGK
72
112
m
ENABLE INPUT (EN or EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.07
0.13
0.2
V
Leakage current
(VEN or VEN) = 0 V or 5.5 V
–1
0
1
µA
CURRENT LIMIT
IOS
(2)
Current limit,
See Figure 23
0.5-A rated output
TPS20xxC
0.65
0.85
1.05
A
1-A rated output
TPS20xxC
1.2
1.55
1.9
TPS20xxC-2
1.1
1.53
1.96
1.5-A rated output
TPS20xxC
1.6
2.15
2.7
TPS20xxC-2
1.6
2.23
2.86
2-A rated output
TPS20xxC
2.3
2.9
3.6
tIOS
Short-circuit response time(3)
VIN = 5 V (see Figure 6),
One-half full load
→ RSHORT = 50 mΩ,
Measure from application to when current falls below 120% of
final value
2
µs
SUPPLY CURRENT
ISD
Supply current, switch disabled
IOUT = 0 A
0.01
10
µA
ISE
Supply current, switch enabled
IOUT = 0 A
65
90
µA
Ilkg
Leakage current
VOUT = 0 V, VIN = 5 V, disabled,
measure IVIN
TPS20XXC-2
0.05
µA
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measure IVOUT
0.2
20
µA
UNDERVOLTAGE LOCKOUT
VUVLO
Rising threshold
VIN
3.5
3.75
4
V
Hysteresis(3)
VIN
0.14
V
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
OFF-state leakage
VFLT = 5.5 V
1
µA
tFLT
FLT deglitch
FLT assertion or deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
RPD
Output pulldown resistance
VIN = 4 V, VOUT = 5 V, disabled
TPS20XXC
350
560
1200
VIN = 5 V, VOUT = 5 V, disabled
TPS20XXC
300
470
800
THERMAL SHUTDOWN
Rising threshold (TJ)
In current limit
135
°C
Not in current limit
155
Hysteresis (3)
20


Similar Part No. - TPS2000CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2000CDGKR TI-TPS2000CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2000CDGKR TI1-TPS2000CDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2000CDGKR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com