Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER2JF Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # ER2JF
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ER2JF Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ER2JF Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ER2JF Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ER2AF THRU ER2JF
2
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
50
40
30
20
10
0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
ER2AF-ER2DF
ER2EF-ER2GF
ER2JF
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - ER2JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2JF PANJIT-ER2JF Datasheet
387Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
ER2JF ETC2-ER2JF Datasheet
953Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER2JF SUNMATE-ER2JF Datasheet
318Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ER2JF

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com