Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001CDGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001CDGKR
Description  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001CDGKR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2001CDGKR Datasheet HTML 1Page - Texas Instruments TPS2001CDGKR Datasheet HTML 2Page - Texas Instruments TPS2001CDGKR Datasheet HTML 3Page - Texas Instruments TPS2001CDGKR Datasheet HTML 4Page - Texas Instruments TPS2001CDGKR Datasheet HTML 5Page - Texas Instruments TPS2001CDGKR Datasheet HTML 6Page - Texas Instruments TPS2001CDGKR Datasheet HTML 7Page - Texas Instruments TPS2001CDGKR Datasheet HTML 8Page - Texas Instruments TPS2001CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Added Leakage Current ......................................................................................................................................................... 7
Added the DBV option to Power Switch RDS(on) 1.5 A rated output . ..................................................................................... 8
Changed ISO Current Limit ..................................................................................................................................................... 8
Added Leakage Current ......................................................................................................................................................... 8
Changed the second para graph of the ENABLE section .................................................................................................... 15
Added sentence to end of paragraph in the OUTPUT DISCHARGE section ...................................................................... 16
Changes from Revision D (February 2012) to Revision E
Page
Changed the POWER DISSIPATION AND JUNCTION TEMPERATURE section. Replaced paragraph " While it is
recommended..."................................................................................................................................................................... 22
Changes from Revision C (October 2011) to Revision D
Page
Added Feature UL Listed and CB-File No. E169910 (See ) .................................................................................................. 1
Added table Note 2, UL listed and CB complete.................................................................................................................... 4
Added VIH and VIL information to the ROC Table................................................................................................................... 6
Changes from Revision B (September 2011) to Revision C
Page
Changed From: PXF1 To: PXFI and From: PSG1 To: PXGI in the DEVICE INFORMATION table MOSP-8 (DGK)
column .................................................................................................................................................................................... 4
Changed TPS2000C (MSOP-8) status From: Preview To: Active in Table 1 ........................................................................ 4
Changed the
θJACustom 2 A Rated DGK value from N/A to 110.3 ...................................................................................... 7
Added Figure 45 - DGK Package PCB Layout Example ..................................................................................................... 23
Changes from Revision A (July 2011) to Revision B
Page
Added the DGK Package Information throughout the data sheet .......................................................................................... 4
Changed title of Figure 30 From: NEW FIG To: TPS2065C 50
Ω Short Circuit .................................................................. 19
Changes from Original (June 2011) to Revision A
Page
Changed the TPS2051C, TPS2065C, and TPS2069C Devices Status From: Preview To: Active ....................................... 4
Corrected pinout numbers for the 5-PIN PACKAGE ............................................................................................................. 5


Similar Part No. - TPS2001CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001CDGKR TI-TPS2001CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2001CDGKR TI-TPS2001CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2001CDGKR TI1-TPS2001CDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2001CDGKR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com