Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE43A Datasheet(PDF) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 1.5KE43A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1.5KE43A Datasheet(HTML) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1.5KE43A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE43A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE43A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1.5KE43A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES 1.5KE6.8 THUR 1.5KE440CA
150
100
50
0
0
1.0
2.0
3.0
4.0
FIG.3-PULSE WAVEFORM
t,TIME,ms
100
10
1.0
0.1
0.1
µs
1.0
µs
10
µs
100
µs
1.0ms
10ms
FIG. 1-PEAK PULSE POWER RATING CURVE
td,PULSE WIDTH,sec.
1.0
10
100
200
10
100
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
V(BR),BREAKDOWN VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
100
75
50
25
0
0
25
50
75
100
125
150
175
200
FIG. 2-PULSE DERATING CURVE
TA
, AMBIENT TEMPERATURE,( C)
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
FIG.5-STEADY STATE POWER DERATING CURVE
TL,LEAD TEMPERATURE, C
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA=25 C
L=0.375” (9.5mm)
lLEAD LENGTHS
1.6 1.6 0.040”
(40 40 1mm)
COPPER HEAT SINKS
60Hz RESISTIVE
OR INDUCTIVE LOAD
td
TJ=TJmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10,000
1,000
100
10
5
10
100
500
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE
UNIDIRECTIONAL
VR=RATED
STAND-OFF
VOLTAGE
f=1.0MHz
Vsig=50mVp-p
TJ=25 C
VR=0
UNIDIRECTIONAL----
BIDIRECTIONAL
HALF VALUE
IPPM
2
10/1000
µsec WAVEFORM
as DFINED by R.E.A.
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IppM
tr=10
µsec
PEAK VALUE IppM
0
100
200
300
400
500
1000
100
10
1
0.1
0.01
0.001
FIG.7-TYPICAL REVERSE LEAKAGE CHARCTERISTICS
V(BR),BREAKDOWN VOLTAGE,VOLTS
TA=25 C
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,Vwm
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - 1.5KE43A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE43A TRSYS-1.5KE43A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE43A SOCAY-1.5KE43A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
UNIOHM CORPORATION
1.5KE43A UNIOHM-1.5KE43A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
1.5KE43A FS-1.5KE43A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Diodes Incorporated
1.5KE43A DIODES-1.5KE43A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE43A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
1.5KE62 CHENDA-1.5KE62 Datasheet
80Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Shanghai Shunye Electro...
1.5KE SHUNYE-1.5KE Datasheet
875Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
1.5KE6.8 SY-1.5KE6.8 Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
1.5KE6.8 SHUNYE-1.5KE6.8 Datasheet
659Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com