Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE10A Datasheet(PDF) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # P6KE10A
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

P6KE10A Datasheet(HTML) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  P6KE10A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6KE10A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6KE10A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6KE10A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES P6KE6.8 THUR P6KE440CA
150
100
50
0
0
1.0
2.0
3.0
4.0
FIG.3-PULSE WAVEFORM
t,TIME,ms
100
10
1.0
0.1
0.1
µs
1.0
µs
10
µs
100
µs
1.0ms
10ms
FIG. 1-PEAK PULSE POWER RATING CURVE
td,PULSE WIDTH,sec.
10,000
1,000
100
10
1.0
10
100
200
1.0
10
100
200
10
100
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE
UNIDIRECTIONAL
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
V(BR),BREAKDOWN VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
100
75
50
25
0
0
25
50
75
100
125
150
175
200
FIG. 2-PULSE DERATING CURVE
TA AMBIENT TEMPERATURE,( C)
0
100
200
300
400
500
1000
100
10
1
0.1
0.01
0.001
FIG.7-TYPICAL REVERSE LEAKAGE CHARCTERISTICS
V(BR),BREAKDOWN VOLTAGE,VOLTS
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
FIG.5-STEADY STATE POWER DERATING CURVE
TL,LEAD TEMPERATURE, C
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA=25 C
TA=25 C
f=1.0MHz
Vsig=50mVp-p
MEASURED at
ZERO BIAS
TA=25 C
L=0.375” (9.5mm)
lLEAD LENGTHS
1.6 1.6 0.040”
(40 40 1mm)
COPPER HEAT SINKS
60Hz RESISTIVE
OR INDUCTIVE LOAD
MEASURED at
STAND-OFF
VOLTAGE,VwM
td
TJ=TJmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IppM
PEAK VALUE IppM
tr=10
µsec
HALF VALUE
IPPM
2
10/1000
µsec WAVEFORM
as DFINED by R.E.A
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,Vwm
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE10A MOTOROLA-P6KE10A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE10A STMICROELECTRONICS-P6KE10A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
DAESAN ELECTRONIC CORP.
P6KE10A DAESAN-P6KE10A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE10A SUNMATE-P6KE10A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
HY ELECTRONIC CORP.
P6KE10A HY-P6KE10A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
More results

Similar Description - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8 Datasheet
838Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power400 Watts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Shanghai Shunye Electro...
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Shanghai Shunye Electro...
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com