Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR15150L Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SR15150L
Description  15 0A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SR15150L Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SR15150L Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SR15150L Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10100L
1060L
1050L
1045L
SR
SR
SR
-55 to +150
-55 to +150
32
DC
Maximum Ratings and Electrical Characteristics @T =25
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
15 0A Surface Mount Schottky Barrier Rectifiers
@IF=15A
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
℃ unless otherwise specified
Unit
V
A
mA
℃/W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4m m.
Operating junction temperature range
0.3
15
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
15
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
VRRM
45
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
RMS Rectified Voltage
(Note2)
IO
IFSM
VFM
IR
RθJA
RθJL
TJ
TSTG
.
A
A
A
A
1080L
SR
SR
10150L
SR
50
60
80
100
150
35
42
56
70
105
0.75
0.80
80
15
Dimiensions inches and ( milimenters)
TO-277
lastic material-UL flammability 94V-0
ase: TO-277, molded plastic
· Excellent High Temperature Stability
P
Mechanical Data
· Lead Free:For RoHS/Lead Free Version
MIL-STD-202,Method 208
· Terminals:Plated Leads Solderable per
· Mounting Position:Any
· Marking:Type Number
· Polarity:Cathode Band
Features
· Schottky Barrier Chip
· High Thermal Reliability
· Patented Super Barrier Rectifier Technology
· High Forward Surge Capability
· Ultra Fow Power Loss,High Efficiency
· Excellent High Temperature Stability
C
.
SR1545L THRU SR15150L
!
!
!
!
!
!
!
!
!
!
!
!
!
275
0.45
0.48
0.55


Similar Part No. - SR15150L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SR15150L ZSELEC-SR15150L Datasheet
224Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR15150L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SR1545L DYELEC-SR1545L Datasheet
2Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifie
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SR1045L DYELEC-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SB20T100L BYTESONIC-SB20T100L Datasheet
810Kb / 2P
   20 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL0540 DYELEC-SL0540 Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0540R DYELEC-SL0540R Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0845 DYELEC-SL0845 Datasheet
2Mb / 2P
   8 .0A Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SR1045L SY-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR0540L CHENDA-SR0540L Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com