Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5232BS Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MMSZ5232BS
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MMSZ5232BS Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MMSZ5232BS Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5232BS Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5232BS Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5232BS Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5263BS
FEATURES
Planar die construction
General purpose, medium current
Ideally suited for automated assembly processes
APPLICATIONS
Zener diode
Ultra-small surface mount package
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
MMSZ5221BS-MMSZ5263BS
See table 2
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF=10mA
VF
0.9
V
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t ≤1.0ms.
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5232BS PANJIT-MMSZ5232BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5232BS YEASHIN-MMSZ5232BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5232BS LUGUANG-MMSZ5232BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com