Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5238BS Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MMSZ5238BS
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MMSZ5238BS Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MMSZ5238BS Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5238BS Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5238BS Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5238BS Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5263BS
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type Number
Marking
Code
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5262BS
M7
51
48.45
53.55
2.5
125
1100
0.1
39
MMSZ5263BS
M8
53.20
58.80
2.2
150
1300
0.1
43
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t≤1.0ms.
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
2014-03 01版
http://www.microdiode.com


Similar Part No. - MMSZ5238BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5238BS DIODES-MMSZ5238BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Foshan Blue Rocket Elec...
MMSZ5238BS FOSHAN-MMSZ5238BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
logo
Diodes Incorporated
MMSZ5238BS DIODES-MMSZ5238BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
MMSZ5238BS SECOS-MMSZ5238BS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Guangdong Kexin Industr...
MMSZ5238BS KEXIN-MMSZ5238BS Datasheet
46Kb / 2P
   Surface Mount Zener Diodes
More results

Similar Description - MMSZ5238BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com