Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5261BS Datasheet(PDF) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MMSZ5261BS
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MMSZ5261BS Datasheet(HTML) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MMSZ5261BS Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5261BS Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5261BS Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5261BS Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5263BS
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
Device
Package
Shipping
MMSZ5221BS-MMSZ5263BS SOD-323
3000/Tape&Reel
SOD-323
Dim
Min
Max
A
1.60
1.80
B
1.20
1.40
C
0.9 Max
D
0.30 Typical
E
0.22
0.42
H
0.02
0.1
J
0.1 Typical
K
2.55
2.75
All Dimensions in mm
1.60
0.63
0.83
2.85
D
A
K
C
B
H
J
E
2014-03 01版
http://www.microdiode.com


Similar Part No. - MMSZ5261BS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MMSZ5261BS WTE-MMSZ5261BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5261BS PANJIT-MMSZ5261BS Datasheet
79Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5261BS PANJIT-MMSZ5261BS Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5261BS YEASHIN-MMSZ5261BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Shenzhen Luguang Electr...
MMSZ5261BS LUGUANG-MMSZ5261BS Datasheet
188Kb / 3P
   Surface mount zener diode
More results

Similar Description - MMSZ5261BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com