Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820BCN Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820BCN
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820BCN Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC0820BCN Datasheet HTML 1Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 2Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 3Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 4Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 5Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 6Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
CC=5V, tr=tf=20 ns, VREF(+)=5V, VREF(−)=0V and TA=25˚C unless otherwise speci-
fied.
Typ
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
t
ACC2, Access Time (Delay from
Falling Edge of RD to Output
Valid)
Pin 7 = V
CC,tRD>tI; Figure 4
C
L=15 pF
70
120
ns
C
L=100 pF
90
150
ns
t
ACC3, Access Time (Delay from
Rising Edge of RDY to Output
Valid)
R
PULLUP = 1k and CL = 15 pF
30
ns
t
I, Internal Comparison Time
Pin 7=V
CC; Figures 4, 5
800
1300
ns
C
L=50 pF
t
1H,t0H, TRI-STATE Control
R
L=1k, CL=10 pF
100
200
ns
(Delay from Rising Edge of RD to
Hi-Z State)
t
INTL, Delay from Rising Edge of
Pin 7 = V
CC,CL= 50 pF
WR to Falling Edge of INT
t
RD>tI; Figure 4
t
I
ns
t
RD<tI; Figure 3
t
RD+200
t
RD+290
ns
t
INTH, Delay from Rising Edge of
Figures 2, 3, 4
125
225
ns
RD to Rising Edge of INT
C
L=50 pFc
t
INTHWR, Delay from Rising Edge of
Figure 5,C
L=50 pF
175
270
ns
WR to Rising Edge of INT
t
RDY, Delay from CS to RDY
Figure 2,C
L=50 pF, Pin 7 =0
50
100
ns
t
ID, Delay from INT to Output Valid
Figure 5
20
50
ns
t
RI, Delay from RD to INT
Pin 7=V
CC,tRD<tI
200
290
ns
Figure 3
t
P, Delay from End of Conversion
Figures 2, 3, 4, 5
500
ns
to Next Conversion
(Note 4) See Graph
Slew Rate, Tracking
0.1
V/µs
C
VIN, Analog Input Capacitance
45
pF
C
OUT, Logic Output Capacitance
5
pF
C
IN, Logic Input Capacitance
5
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 3: Total unadjusted error includes offset, full-scale, and linearity errors.
Note 4: Accuracy may degrade if tWR or tRD is shorter than the minimum value specified. See Accuracy vs tWR and Accuracy vs tRD graphs.
Note 5: When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
or V
IN > V
+) the absolute value of current at that pin should be limited to
1 mA or less. The 4 mA package input current limits the number of pins that can exceed the power supply boundaries witha1mA current limit to four.
Note 6: Typicals are at 25˚C and represent most likely parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Design limits are guaranteed but not 100% tested. These limits are not used to calculate outgoing quality levels.
Note 9: Human body model, 100 pF discharaged through a 1.5 k
Ω resistor.
www.national.com
5


Similar Part No. - ADC0820BCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ADC0820BCN MAXIM-ADC0820BCN Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
More results

Similar Description - ADC0820BCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com