Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC480ST89 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC480ST89
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC480ST89 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC480ST89 Datasheet HTML 1Page - Hittite Microwave Corporation HMC480ST89 Datasheet HTML 2Page - Hittite Microwave Corporation HMC480ST89 Datasheet HTML 3Page - Hittite Microwave Corporation HMC480ST89 Datasheet HTML 4Page - Hittite Microwave Corporation HMC480ST89 Datasheet HTML 5Page - Hittite Microwave Corporation HMC480ST89 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
8 - 341
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC480ST89
Output Return Loss vs. Temperature
v00.0404
Broadband Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5.0 GHz
Noise Figure vs. Temperature
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
01234567
8
S21
S11
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)


Similar Part No. - HMC480ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC480ST89 HITTITE-HMC480ST89 Datasheet
235Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
logo
Analog Devices
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC480ST89E HITTITE-HMC480ST89E Datasheet
235Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
logo
Analog Devices
HMC480ST89E AD-HMC480ST89E Datasheet
297Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC480ST89 HITTITE-HMC480ST89_10 Datasheet
235Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results

Similar Description - HMC480ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC397 HITTITE-HMC397_09 Datasheet
188Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com