Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ350A Datasheet(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SMBJ350A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMBJ350A Datasheet(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMBJ350A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMBJ350A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMBJ350A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMBJ350A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMBJ350A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Marking Code
MDD
MDD
Logo
Logo
Packaging
Tape
P0
P1
P2
D0
E
F
W
T
B0
K0
D1
B
B
SECTION B-B
A
A
A0
SECTION A-A
Symbol
Dimension (mm)
W
12.00±0.20
P0
4.00±0.10
P1
8.00±0.10
P2
2.00±0.10
D0
Φ1.55±0.10
D1
Φ1.5±0.10
E
1.75±0.10
F
5.50±0.10
A0
3.86±0.15
B0
5.65±0.10
K0
2.75±0.15
T
0.25±0.05
7” Reel
D2
Φ178.0±2.0
D3
Φ50.0Min.
D4
Φ13.0±0.5
W1
16.0±2.0
Quantity: 500PCS
13” Reel
D5
Φ330.0±2.0
D6
Φ13.5±0.5
H
2.5±1.0
W2
16.0±2.0
Quantity: 3000PCS
KE
AE


Similar Part No. - SMBJ350A

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
SMBJ350A OLITECH-SMBJ350A Datasheet
850Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMBJ350A LITTELFUSE-SMBJ350A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
SMBJ350A SECOS-SMBJ350A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Formosa MS
SMBJ350A FORMOSA-SMBJ350A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ350A SOCAY-SMBJ350A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ350A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com