Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z20 Datasheet(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM3Z20
Description  200mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM3Z20 Datasheet(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM3Z20 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z20 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z20 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z20 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z20 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
200mW Surface Mount Zener Diode
MM3Z2V4-MM3Z75
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
Device
Package
Shipping
MM3Z2V4-MM3Z75
SOD-323
3000/Tape&Reel
1.60
0.63
0.83
2.85
2014-03 01版
http://www.microdiode.com


Similar Part No. - MM3Z20

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z20 DIOTEC-MM3Z20 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
MM3Z20 DIOTEC-MM3Z20 Datasheet
149Kb / 2P
   SMD Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z20 SEMTECH_ELEC-MM3Z20 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
MM3Z20 LUGUANG-MM3Z20 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z20 HTSEMI-MM3Z20 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com